Part Number Hot Search : 
2SK21 MMBZ5 EPA120 CPD48 10PBF LT196 18LF2 203SH30
Product Description
Full Text Search
 

To Download S5KP10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S5KP SERIES
VBR : 5.0 - 180 Volts PPK : 5000 Watts
FEATURES :
* 5000W Peak Pulse Power * Excellent clamping capability * Low incremental surge resistance * Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.) * Pb / RoHS Free
TRANSIENT VOLTAGE SUPPRESSOR
D2PAK
0.409(10.4) 0.387(9.80) 0.189(4.8) 0.137(4.4) 0.055(1.4) 0.047(1.2) 0.357(9.1) 0.236(6.0) 0.197(5.0) 0.026(0.7) 0.011(0.3) 0.33(8.38) 0.335(8.5)
0.110(2.8) 0.055(1.4) 0.039(1.0)
0.418(10.6) 0.378(9.60)
MECHANICAL DATA
* Case : D PAK(TO-263) * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Heatsink is Anode * Mounting position : Any * Weight : 1.7 grams (approximately)
2
0.108(2.75) 0.092(2.35)
0.035(0.9)max. 0.108(2.75) 0.092(2.35)
0.08(2.032)
0.42(10.66)
0.24(6.096)
0.63(17.02) 0.04(1.016)
DEVICES FOR BIPOLAR APPLICATIONS
For Bi-directional use C or CA Suffix Electrical characteristics apply in both directions Dimensions in inches and ( millimeters )
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified.
Rating
Peak Pulse Power Dissipation at tp = 1ms (Note 1, Fig. 4) Steady State Power Dissipation Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) (Note 2) Operating and Storage Temperature Range
Symbol
PPK PD
Value
Minimum 5000 8.0
Unit
W W
IFSM
400
A
TJ, TSTG
- 55 to + 150
C
Notes:
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 C per Fig. 1 (2) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum.
Page 1 of 4
Rev. 01 : April 27, 2005
ELECTRICAL CHARACTERISTICS ( Ta = 25C)
Breakdown Voltage @ IT ( Note 1 )
TYPE
VBR (V) Min. S5KP5.0 S5KP5.0A S5KP6.0 S5KP6.0A S5KP6.5 S5KP6.5A S5KP7.0 S5KP7.0A S5KP7.5 S5KP7.5A S5KP8.0 S5KP8.0A S5KP8.5 S5KP8.5A S5KP9.0 S5KP9.0A S5KP10 S5KP10A S5KP11 S5KP11A S5KP12 S5KP12A S5KP13 S5KP13A S5KP14 S5KP14A S5KP15 S5KP15A S5KP16 S5KP16A S5KP17 S5KP17A S5KP18 S5KP18A S5KP20 S5KP20A S5KP22 S5KP22A S5KP24 S5KP24A S5KP26 S5KP26A S5KP28 S5KP28A S5KP30 S5KP30A S5KP33 S5KP33A S5KP36 S5KP36A 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40 40 Max. 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 IT (mA) 50 50 50 50 50 50 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Reverse Stand off Voltage VRM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36
Maximum Reverse Leakage @ VRM IR (A) 5000 5000 5000 5000 2000 2000 1000 1000 250 250 150 150 50 50 20 20 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
Maximum Peak Pulse Current (Note2) IPPM (A) 520 543 439 485 407 447 378 417 350 388 333 367 314 347 295 325 266 294 249 274 227 251 210 232 194 215 188 206 176 192 164 181 155 172 139 154 127 141 116 128 107 119 99 110 93 103 85 94 78 86
Maximum Clamping Voltage @ IPPM VC (V) 9.60 9.20 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3 64.3 58.1
Maximum Temperature Coefficient of VBR (%/C) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104 0.104 0.104
Page 2 of 4
Rev. 01 : April 27, 2005
ELECTRICAL CHARACTERISTICS ( Ta = 25C)
Breakdown Voltage @ IT ( Note 1 )
TYPE
VBR (V) Min. Max. IT (mA)
Reverse Stand off Voltage VRM (V)
Maximum Reverse Leakage @ VRM IR (A)
Maximum Peak Pulse Current (Note2) IPPM (A) 70 78 65 72 62 69 58 65 55 61 52 57 50 55 49 53 47 52 44 49 40 44 37 41 36 40 33 36 31 34 28 31 26 28 24 26 19 21 18 19 17 18 16 17
Maximum Clamping Voltage @ IPPM VC (V) 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 100 91 103 94 107 97 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 211 194 263 242 281 258 298 274 316 290
Maximum Temperature Coefficient of VBR (%/C) 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.112 0.112 0.112 0.112 0.112 0.112 0.114 0.114 0.114 0.114 0.114 0.114
S5KP40 44.4 54.3 5.0 40 10 S5KP40A 44.4 49.1 5.0 40 10 S5KP43 47.8 58.4 5.0 43 10 S5KP43A 47.8 52.8 5.0 43 10 S5KP45 50.0 61.1 5.0 45 10 S5KP45A 50.0 55.3 5.0 45 10 S5KP48 53.3 65.2 5.0 48 10 S5KP48A 53.3 58.9 5.0 48 10 S5KP51 56.7 69.3 5.0 51 10 S5KP51A 56.7 62.7 5.0 51 10 S5KP54 60.0 73.3 5.0 54 10 S5KP54A 60.0 66.3 5.0 54 10 S5KP56 62.2 76.1 5.0 56 10 S5KP56A 62.2 68.8 5.0 56 10 S5KP58 64.4 78.7 5.0 58 10 S5KP58A 64.4 71.2 5.0 58 10 S5KP60 66.7 81.5 5.0 60 10 S5KP60A 66.7 73.7 5.0 60 10 S5KP64 71.1 96.9 5.0 64 10 S5KP64A 71.1 78.6 5.0 64 10 S5KP70 77.6 95.1 5.0 70 10 S5KP70A 77.6 86.0 5.0 70 10 S5KP75 83.3 102 5.0 75 10 S5KP75A 83.3 92.1 5.0 75 10 S5KP78 86.7 106 5.0 78 10 S5KP78A 86.7 95.8 5.0 78 10 S5KP85 94.4 115 5.0 85 10 S5KP85A 94.4 104 5.0 85 10 S5KP90 100 122 5.0 90 10 S5KP90A 100 111 5.0 90 10 S5KP100 111 136 5.0 100 10 S5KP100A 111 123 5.0 100 10 S5KP110 122 149 5.0 110 10 S5KP110A 122 135 5.0 110 10 S5KP120 133 163 5.0 120 10 S5KP120A 133 147 5.0 120 10 S5KP150 167 204 5.0 150 10 S5KP150A 167 184 5.0 150 10 S5KP160 178 217 5.0 160 10 S5KP160A 178 196 5.0 160 10 S5KP170 189 231 5.0 170 10 S5KP170A 189 209 5.0 170 10 S5KP180 200 244 5.0 180 10 S5KP180A 200 221 5.0 180 10 Notes: (1) VBR measured after IT applied for 300 s., IT = square wave pulse or equivalent. (2) Surge Current waveform per Fig. 3 and Derate per Fig. 2 (3) VF = 3.5 Volts max. for devices of VR < 100 V, and VF = 5 Volts max. for devices of VR > 100 V. (4) For Bi-directional devices having VR of 10 Volts and under the IR limit is doubled. (5) " S5K " will be omitted in marking on the diode.
Page 3 of 4
Rev. 01 : April 27, 2005
RATING AND CHARACTERISTIC CURVES ( S5KP SERIES )
FIG.1 - PULSE DERATING CURVE FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
600
PEAK PULSE POWER OR CURRENT DERATING IN PERCENTAGE, %
120
PEAK FORWARD SURGE CURRENT, AMPERES
100
500
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD
80
400
60
300
40
200
20 0 0 25 50 75 100 125 150 175
100 0 1 2 4 6 10 20 40 60 100
Ta, AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - STEADY STATE POWER DERATING PD, STEADY STATE POWER DISSIPATION (WATTS)
FIG.4 - PEAK PULSE POWER RATING CURVE
8
100
6
PPK , PEAK POWER (kW)
10
4
1.0
2
0.1 0.1s 0 0 25 50 75 100 125 150 175 200
1.0s
10s
100s
1.0ms
10ms
tp, PULSE WIDTH
TL, LEAD TEMPERATURE (C)
FIG.5 - PULSE WAVEFORM PEAK PULSE CURRENT - % IPPM
tr = 10s 100 Peak Value IPPM Ta=25 C Pulse Width (td) is defined as that point where the peak current decays to 50% of IPPM
50
Half Value - IPPM 2 10x1000 s Waveform as defined by R.E.A.
tp 0 0 1.0 2.0 3.0 4.0
T, TIME(ms)
Page 4 of 4
Rev. 01 : April 27, 2005


▲Up To Search▲   

 
Price & Availability of S5KP10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X